Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download MAAL-007673 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAL-007673
Low Noise Amplifier 1.7 - 2.0 GHz
Features
* * * * * * * * * * * Low Noise Figure: 1.65 dB High Gain: 20 dB Low Power Consumption: 3 to 5 V, 8 mA High Dynamic Range DC Decoupled RF Input and Output No External RF Tuning Elements Necessary Lead-Free Low Cost SOIC-8 Plastic Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of MAAM12031 Rev. V2
Functional Schematic
GND 8 VDD 7 RF OUT 6 GND 5
Description
M/A-COM's MAAL-007673 is a high performance GaAs MMIC low noise amplifier in a lead-free SOIC 8-lead surface mount package. The MAAL-007673 employs a fully monolithic design which eliminates the need for external tuning networks. It can be biased using 3 or 5 volt supplies and has an option for biasing at higher currents for increased dynamic range. The MAAL-007673 is ideally suited for use where low noise figure, high gain, high dynamic range and low power consumption are required. Typical applications include receiver front ends in the Japanese Personal Handy Phone Service (PHS), Private Branch Exchange (PBX) and Personal Communications and Networks (PCS, PCN) markets, as well as standard gain blocks, buffer amps, driver amps and IF amps in both fixed and portable systems. M/A-COM's MAAL-007673 is fabricated using a mature 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
1 GND 2 R1 (optional) 3 RF IN 4 GND
Pin Configuration
Pin No. 1 2 3 4 Function Ground R1 (Optional) RF Input Ground Pin No. 5 6 7 8 Function Ground RF Output VDD Ground
Absolute Maximum Ratings 2,3
Parameter VDD Input Power Current
4 5
Absolute Maximum +10 VDC +17 dBm 30 mA +150C -40C to +85C -65C to +150C
Channel Temperature Storage Temperature
Ordering Information1
Part Number MAAL-007673-000000 MAAL-007673-TR1000 MAAL-007673-TR3000 Package Bulk Packaging 1000 piece reel 3000 piece reel
Operating Temperature
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits. 4. Only if pin 2 is used to increase current (see note 9). 5. Typical thermal resistance (jc) = +165C/W.
1. Reference Application Note M513 for reel size information. 1 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-007673
Low Noise Amplifier 1.7 - 2.0 GHz
Electrical Specifications6: TA = 25C, VDD = +5 V, Z0 = 50
Parameter Gain Noise Figure Input VSWR Output VSWR Output 1 dB Compression Input IP3 Reverse Isolation Bias Current
6. See plots for 3-volt performance.
Rev. V2
Test Conditions 1.7 - 2.0 GHz, PIN = -30 dBm 1.7 - 2.0 GHz 1.7 - 2.0 GHz, PIN = -30 dBm 1.7 - 2.0 GHz, PIN = -30 dBm 1.7 - 2.0 GHz 1.7 - 2.0 GHz, PIN = -30 dBm 1.7 - 2.0 GHz, PIN = -30 dBm --
Units dB dB Ratio Ratio dBm dBm dB mA
Min. 18 -- -- -- -- -- -- 5
Typ. 20 1.65 1.7:1 1.7:1 7 -1 38 8
Max. 22 2.00 -- -- -- -- -- 11
Recommended PCB Configuration
Application Schematic 7,8,9
VDD
L1 C1
RF IN
RF OUT
R1 (Optional) See Note 9
7. 8.
Component List
Part C1 L1 Value 500 pF 15 nH Case Size Manufacturer 0603 0805 0603 Murata Coilcraft Panasonic
9.
R1 (Optional) 35 to 40
Pins 1, 4, 5 and 8 must be RF and DC grounded as shown. Pin 3 is the RF input, pin 6 is the RF output. VDD is applied on pin 7. This pin must be bypassed with a 500 pF surface mount MLC capacitor, mounted as close as possible to pin 7, and RF decoupled with a chip inductor having a minimum value of 15 nH (as shown in the Recommended PCB Configuration). Pin 2 allows use of an external resistor to ground for optional, higher current bias. For nominal current operation no resistor is used. For optional 20 mA current operation, connect a 35 to 40 ohm chip resistor (as show in the Recommended PCB Configuration).
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-007673
Low Noise Amplifier 1.7 - 2.0 GHz
Typical Performance Curves
Gain @ +25C
24
3 VOLTS, 8mA 5 VOLTS, 8mA 5 VOLTS, 20mA
Rev. V2
Noise Figure @ +25C
1.9
3 VOLTS, 8mA 5 VOLTS, 8mA 5 VOLTS, 20mA
22
1.8
20
1.7
18
1.6
16 1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
1.5 1.7
1.8
1.9
2.0
Frequency (GHz)
Frequency (GHz)
VSWR @ 5 V, 8 mA, +25C
3.0 INPUT 2.5 OUTPUT
Input IP3 @ +25C
2
0
-2
2.0
-4
1.5
3 VOLTS, 8mA 5 VOLTS, 8mA 5 VOLTS, 20mA
-6
1.0 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2
-8 1.7
1.8
1.9
2.0
Frequency (GHz)
Frequency (GHz)
Gain @ 5 V, 8 mA
24
+25 C -40 C +85 C
Noise Figure @ 5 V, 8 mA
2.4
+25 C -40 C +85 C
22
2.1
20
1.8
18
1.5
16 1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
1.2 1.70
1.75
1.80
1.85
1.90
1.95
2.00
3
Frequency (GHz)
Frequency (GHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-007673
Low Noise Amplifier 1.7 - 2.0 GHz
Lead-Free SOIC-8
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations. Additional information is available in Application Note M540, "M/A-COM GaAs MMIC LNA SOIC-8 Platform".
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAL-007673

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X